Part Number Hot Search : 
1210X FS12KM SM100 S2N7002 SPLBW81 1262S ATS04 3201V
Product Description
Full Text Search
 

To Download PS-117L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Paper sensors
PS-117L PS-117D
DIMENSIONS
The PS-117 photo switches are composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC (in which a photodiode,signal processing circuit,constant voltage circuit and modulation circuit are integrated) at the light receiving side. PS-117L : High level output at shielding PS-117D : Low level output at shielding
(Unit : mm)
FEATURES
UHigh-speed response(0.5m sec.) UCompact and reducing the installation space UAdjustable of detecting distance UPossible to keep away from dust because of the detect side is flat UResistible to exterior light because of composed of modulate
APPLICATIONS
U opiers C U acsimiles F
MAXIMUM RATINGS
Item Symbol Rating
5.5 12 30 30 0 60 1 0 70 2 Supply voltage VCC *1 Output voltage VO *2 O Low level output current IL Output transistor power dissipation PO *3* Operating temp. 4 Topr. *3 Tstg. Storage temp.*4
(Ta=2...) 5
Unit
V V mA mW ... ...
*1. Output transistor : VCE *2. Output transistor : IC *3. No icebound or dew *4. The connector shall be inserted or pulled out at normal temperature.
ELECTRO-OPTICAL CHARACTERISTICS
Item
Supply voltage Low level output voltage High level output voltage Supply current Minimum detecting distance Maximum detecting distance Non-detecting distance Response speed Exterior light endure Output state
(R)a=25...(c) T
Symbol
VCC VOL VOH C IC LDS LDL LNS tPLH/PHL t EV
Conditions
L= VCC=5V,OI 10mA L= *y VCC=5V,R 1k VCC=5V Kodak 90% Black paper L= *y Kodak 90% VCC=5V,R 1k Black paper Kodak 90% L= *y VCC=5V,R 1k L= *y VCC=5V,R 1k
Min. Typ.
4.75 4.0 16
Max.
5.25 0.4 0.5 1.5 20 0.5
Unit.
V V V mA mm mm mm mm mm ms lx
6.5 5.5
3,000 NPN open collector
- 1-
Paper sensors
PS-117L/D
Detecting distance Vs. Angle
Detecting distance Vs. Angle
Distance Vs. Position
Distance Vs. Position
Relative distance Vs. Ambient temperature
- 2-


▲Up To Search▲   

 
Price & Availability of PS-117L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X